Part Number Hot Search : 
2EZ24D5 2SA19 C4IDC JPM160 LSM6DSM 4PH100 PM070WX9 TGH13A
Product Description
Full Text Search
 

To Download CZRW5257B-HF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Zener Diode
SMD Diodes Specialist
CZRW5221B-HF Thru CZRW5267B-HF
Voltage: 2.4 to 75 Volts Power: 500 mWatts RoHS Device
Features
Halogen free. For surface mounted applications. 500mW Power Dissipation. Ideally suited for automated assembly processes. Pb free product.
0.026(0.65) 0.018(0.45) 0.067(1.70) 0.059(1.50) 0.152(3.85) 0.140(3.55)
SOD-123
Mechanical data
Case: SOD-123, Molded plastic. Terminals: Solder Plated,solderable per MIL-STD-750,method 2026. Polarity: Cathode band.
0.049(1.25) 0.041(1.05)
0.110(2.80) 0.102(2.60)
0.006 (0.15) Max.
0.004(0.10) Max.
Weight: 0.01 gram(approx.).
0.02 (0.50) MIN.
Dimensions in inches and (millimeter)
Maximum Rating AND Electrical Characteristics
Parameter
Maximum Power Dissipation,TA = 25C Operating Junction and Storage Temperature Range
Symbol
PD TJ
Value
500 -55 to +150
Unit
mW
O
C
REV:B
QW-HZ001
Page 1
SMD Zener Diode
SMD Diodes Specialist
Electrical Characteristics(Ta = 25C)
Zener Voltage Part Number VZ(V)@IZT
Min
CZRW5221B-HF CZRW5222B-HF CZRW5223B-HF CZRW5225B-HF CZRW5226B-HF CZRW5227B-HF CZRW5228B-HF CZRW5229B-HF CZRW5230B-HF CZRW5231B-HF CZRW5232B-HF CZRW5234B-HF CZRW5235B-HF CZRW5236B-HF CZRW5237B-HF CZRW5239B-HF CZRW5240B-HF CZRW5241B-HF CZRW5242B-HF CZRW5243B-HF CZRW5244B-HF CZRW5245B-HF CZRW5246B-HF CZRW5247B-HF CZRW5248B-HF CZRW5250B-HF CZRW5251B-HF CZRW5252B-HF CZRW5254B-HF CZRW5255B-HF CZRW5256B-HF CZRW5257B-HF CZRW5258B-HF CZRW5259B-HF CZRW5260B-HF CZRW5261B-HF CZRW5262B-HF CZRW5263B-HF CZRW5264B-HF CZRW5265B-HF CZRW5266B-HF CZRW5267B-HF 2.28 2.38 2.57 2.85 3.14 3.42 3.71 4.09 4.47 4.85 5.32 5.89 6.46 7.13 7.79 8.65 9.5 10.45 11.4 12.35 13.3 14.25 15.2 16.15 17.1 19 20.9 22.8 25.65 26.6 28.5 31.35 34.2 37.05 40.85 44.65 48.45 53.2 57 58.9 64.6 71.25
Operating resistance ZZT(Ohm)
Rising operating resistance ZZK(Ohm)
Max
1200 1250 1300 1600 1600 1700 1900 2000 1900 1600 1600 1000 750 500 500 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700 700 800 900 1000 1100 1300 1400 1500 1600 1400
Reverse current IR(uA)
Max
100 100 75 50 25 15 10 5 5 5 5 5 3 3 3 3 3 3 2 1 0.5 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1
Marking Code
Nom
2.4 2.5 2.7 3 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 14 15 16 17 18 20 22 24 27 28 30 33 36 39 43 47 51 56 60 62 68 75
Max
2.52 2.63 2.84 3.15 3.47 3.78 4.1 4.52 4.94 5.36 5.88 6.51 7.14 7.88 8.61 9.56 10.5 11.55 12.6 13.65 14.7 15.75 16.8 17.85 18.9 21 23.1 25.2 28.35 29.4 31.5 34.65 37.8 40.95 45.15 49.35 53.55 58.8 63 65.1 71.4 78.75
Max
30 30 30 30 28 24 23 22 19 17 11 7 5 6 8 10 17 22 30 13 15 16 17 19 21 25 29 33 41 44 49 58 70 80 93 105 125 150 170 185 230 270
IZT(mA)
20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 9.5 9.0 8.5 7.8 7.5 7 6.2 5.6 5.2 5 4.5 4.2 3.8 3.4 3.2 3 2.7 2.5 2.2 2.1 2 1.8 1.7
IZK(mA)
0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
VR(V)
1 1 1 1 1 1 1 1 2 2 3 4 5 6 6 6.5 8 8.4 9.1 9.9 10.5 11 12 13 14 15 17 18 21 21 23 25 27 30 33 36 39 43 46 47 52 56 C1 C2 C3 C5 D1 D2 D3 D4 D5 E1 E2 E4 E5 F1 F2 F4 F5 H1 H2 H3 H4 H5 J1 J2 J3 J5 K1 K2 K4 K5 M1 M2 M3 M4 M5 N1 N2 N3 N4 N5 P1 P2
REV:B
QW-HZ001
Page 2
SMD Zener Diode
SMD Diodes Specialist
RATING AND CHARACTERISTIC CURVES (CZRW5221B-HF Thru CZRW5267B-HF)
Fig.1 Typical forward voltage
1000 1000 100
Forward current(mA) Leakage current(uA)
Fig.2 Typical leakage current
10 1 0.1 0.01 0.001 0.0001
+25 C
O
100
+150 C
O
0
C
O
5
+7
5
-5 5
+2
O
10
+1 5
C
O
C
O
C
-55 C
O
1 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
0.00001 0 10 20 30 40 50 60 70 80 90 Forward Voltage(V)
Normal zener voltage(V)
Fig.3 Temperature coefficents
100 Temperature coefficient,(mV/C) 0.6 0.5
Power dissipation(W)
Fig.4 Steady state power derating
O
TA = 25 C
0.4 0.3 0.2 0.1
10
1 1 30 Nominal zener voltage(V) 100
0 0 25 50 75 100
O
125
150
175
Temperature(C)
REV:B
QW-HZ001
Page 3
SMD Zener Diode
SMD Diodes Specialist
Reel Taping Specification
P0 P1 Index hole d E T
F B
Polarity
W C
P
A
12 0
o
D2
D1 D
W1
Trailer ....... .......
10 pitches (min)
Device ....... ....... ....... .......
Leader ....... .......
10 pitches (min)
End
Start
Direction of Feed
SYMBOL
A
1.90 0.10
0.074 0.004
B
4.00 0.10
0.157 0.004
C
1.50 0.10
0.059 0.004
d
1.55 0.10
0.061 0.004
D
178 1
7.008 0.04
D1
50.0 MIN.
1.968 MIN.
D2
13.0 0.20
0.512 0.008
SOD-123
(mm) (inch)
SYMBOL
E
1.75 0.10
0.069 0.004
F
3.50 0.05
0.138 0.002
P
4.00 0.10
0.157 0.004
P0
4.00 0.10
0.157 0.004
P1
2.00 0.05
0.079 0.002
W
8.00 0.30
0.315 0.012
W1
14.4 MAX.
0.567 MAX.
SOD-123
(mm) (inch)
REV:B
QW-HZ001
Page 4
Comchip Technology CO., LTD.
SMD Zener Diode
SMD Diodes Specialist
Marking Code
Part Number CZRW5221B ~ 5267B-HF Marking Code
XX
XX
Suggested PAD Layout
SOD-123 SIZE (mm) A B C D E 3.35 0.80 1.00 5.025 1.675 (inch) 0.132 0.032 0.039
C D A E
0.198
B
0.066
Standard Package
Qty per Reel Case Type (Pcs) SOD-123 3000 Reel Size (inch) 7
REV:B
QW-HZ001
Page 5
Comchip Technology CO., LTD.


▲Up To Search▲   

 
Price & Availability of CZRW5257B-HF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X